PART |
Description |
Maker |
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
R10305RR03QE R10007RR03QE R10007RRQE R10007RR01B R |
ROTA-SLIDE? Rotary Switches ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.02A, 20VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT ROTA-SLIDE? Rotary Switches
|
C&K Components C & K COMPONENTS INC
|
08MP36-12-1-10N-F 08MP36-02-1-10N-F 09MS30-03-4-03 |
ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-3POSITIONS, 4P3T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc. GRAYHILL INC
|
SRM-1011ST |
Rotary Switches ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.01A, 5VDC, SURFACE MOUNT-STRAIGHT
|
MITSUMI ELECTRIC CO., LTD.
|
56P36-01-2-05N 56P36-01-2-05S 56D30-01-1-AJN 56D30 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc. GRAYHILL INC
|
CRD10RM0CB |
ROTARY CODED SWITCH-10POSITIONS, BINARY CODED DECIMAL, LATCHED, 20VDC, THROUGH HOLE-STRAIGHT
|
C & K COMPONENTS INC
|
09P90-06-1-03N 08S36-03-2-04N 09M30-02-2-04N 09M30 |
ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.5A, 28VDC, THROUGH HOLE-STRAIGHT .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.5A, 28VDC, THROUGH HOLE-STRAIGHT .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
04-4431 06-4433 04-4103 04-1104-20 04-3341 |
ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 1.5A, 1VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, 4P24T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 2A, 2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, 9P4T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED
|
ELMA ELECTRONIC INC
|
DL-5345-C330-VXS DL-5340-C330-VX DL-5340-C330-VXS |
1 in Dia., 1 Amp Multi Deck Rotary Switch 1.125 Dia., 1/4 Amp Multi Deck Rotary Switch Keypad, .750 in Centers .5-.75 in Dia., 1/4 Amp Multi Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤 0.5 in Diameter, 200mA Single Deck Rotary Switch 1270纳米1610纳米半导体激光器模块2.5 Gbps的波分复用量子阱半导体激光器尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
3690-104-03 3645-204-1S |
ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 6A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, MOMENTARY, 6A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
|